제조업체 | 부품명 | 데이터시트 | 상세설명 |
ETAL Group
|
E-1072-128 |
189Kb/4P |
Nennspannung DC 24 V (19,2...36 V) |
2-5000 |
282Kb/4P |
Voltage rating AC 250 V; DC 28 V |
E-1072-220 |
206Kb/4P |
Voltage rating DC 24 V (19.2...36 V) |
SMP21-L20-DC24V-10A |
416Kb/6P |
The devices switches over automatically when connected to AC 115 V AC and 230 V |
SMP21-L20-DC24V-5A |
414Kb/6P |
The devices switches over automatically when connected to AC 115 V AC and 230 V |
PDB-N |
2Mb/12P |
Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications |
E-1071 |
1Mb/6P |
Designed for inductive loads (DC 24 V) |
SMP2320-DC24V-20A |
468Kb/6P |
Wide range voltage input from AC 340 to 575 V |
SMP11 |
425Kb/6P |
Wide range voltage input from AC 88 to 264 V |
SMP21-L20-DC24V-20A |
425Kb/6P |
Wide range voltage input from AC 90 to 264 V |
SMP23-L20-DC24V-10A |
508Kb/6P |
Wide range voltage input from AC 340 to 575 V |
SVS16 |
909Kb/6P |
Integral complete DC 24 V system for overcurrent protection, power distribution and remote input and output |
2210-S2 |
388Kb/6P |
Process control equipment, robotics, machine tool control, communicationssystems, instrumentation, rail vehicles. Special versions, e.g. for aggressive environmental conditions and low voltages (e. g. 5 V) on request |
E-1072-100 |
177Kb/4P |
PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps). |