제조업체 | 부품명 | 데이터시트 | 상세설명 |
Siemens Semiconductor G...
|
BZW20 |
80Kb/3P |
control unit |
3SB3201-2KA11 |
163Kb/4P |
22MM PLASTIC ROUND COMPLETE UNIT 07/27/2012 |
3UF7011-1AU00-0 |
331Kb/11P |
Basic unit SIMOCODE pro V PN 08/13/2020 |
PEB2245-N |
65Kb/2P |
multipoint switching and conferencing unit (musac) |
PEB2245 |
1,021Kb/70P |
Multipoint Switching and Conferencing Unit - Attenuation MUSAC |
PEB2445 |
1Mb/70P |
Multipoint Switching and Conferencing Unit - Attenuation MUSAC-A |
6ES7193-6BP20-0BB1 |
203Kb/2P |
SIMATIC ET 200SP, BaseUnit BU20-P12+A0+4B, BU type B1, Packing unit: 1 unit, push-in terminals, without auxiliary terminals, bridged to the left, WxH: 20 mm x 117 mm 7/8/2022 |
6ES7315-2EH14-0AB0 |
240Kb/9P |
SIMATIC S7-300 CPU 315-2 PN/DP, Central processing unit with 384 KB 3/29/2023 |
BTS730 |
49Kb/7P |
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.) |
BTS630 |
133Kb/8P |
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.) |
3VL3725-1DC36-0AA0 |
223Kb/5P |
circuit breaker VL250N standard breaking capacity Icu=55kA, 415V AC 3-pole, line protection Electronic Trip Unit TM, LI In=250A 06/08/2020 |
6ES7134-6GD01-0BA1 |
196Kb/3P |
SIMATIC ET 200SP, ANALOG INPUT MODULE, AI 4XI 2-/4-WIRE STANDARD, PACKING UNIT: 1 PIECE, FITS TO BU-TYPE A0, A1, COLOR CODE CC03, MODULE DIAGNOSIS, 16BIT, +/-0,3% 7/8/2022 |
6ES7137-6AA01-0BA0 |
149Kb/3P |
SIMATIC ET 200SP, CM PTP communication module for serial connection RS- 422, RS-485 and RS-232, freeport, 3964 (R), USS, MODBUS RTU master, slave, max. 250 Kbit/s, suitable for BU type A0, pack quantity: 1 unit 6/14/2023 |
6ES7131-6BF01-0AA0 |
191Kb/3P |
SIMATIC ET 200SP, Digital input module, DI 8x 24V DC Basic, type 2 (IEC 61131), sink input, (PNP, P-reading), Packing unit: 1 piece, fits to BU-type A0, Colour Code CC01, input delay time 0,05..20ms, module diagnostics for: supply voltage 6/20/2023 |