전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

ULTRA 데이터시트, PDF

검색 결과 : 'ULTRA' - 전체: 151 (1/8) Pages
제조업체부품명데이터시트부품 상세설명

Vishay Siliconix
MR300 Wirewound Resistor, Ultra Precision,Epoxy Molded, Axial Lead
V60100C_08 Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
V35PW15 High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
158PUL-SI_11 Aluminum Capacitors Power Ultra Long Life Snap-In
Y1748120R500S Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and
VPR220Z Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
VPR221Z Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
038RSU Aluminum Capacitors Radial Standard Ultra Miniature
BYV28 Ultra Fast Silicon Mesa Rectifiers
Y4485V0001AT9R Ultra High Precision Bulk Metal Z-Foil Surface Mount Voltage Divider
V35PWM45 High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5 A
VHP203 Hermetically Sealed Miniature Ultra High Precision Z-Foil Technology
V20150C Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
T18D108M075EZSS Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
BYW178_10 Ultra Fast Avalanche Sinterglass Diode
V10150S High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
MSS1P2U Ultra Low VF Surface Mount Schottky Barrier Rectifiers
VCS232Z Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
V30100S High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
SI91871_05 300-mA Ultra Low-Noise LDO Regulator With Discharge Option

1 2 3 4 5 6 7 8 Next


1 2 3 4 5 Next >