전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

THAT 데이터시트, PDF

검색 결과 : 'THAT' - 전체: 389 (1/20) Pages
제조업체부품명데이터시트부품 상세설명

Cooper Bussmann, Inc.
CTX047-1P-R Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings

List of Unclassifed Man...
PMOD8LD The Pmod8LD has eight high-bright LEDs that are driven by logic-level transistors so each LED can be illuminated with a logic high signal that provides less than 1mA of current.

Littelfuse
DCSA The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor

PHOENIX CONTACT
0803316 The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders

Advanced Thermal Soluti...
ATS-54270R-C1-R0_17 High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments

Omron Electronics LLC
G4IDC5B Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals

List of Unclassifed Man...
SLK3001PE Ultrahigh-speed Optical Integration Device that Achieves 10xSpeed DVD Playback Laser Coupler

Advanced Thermal Soluti...
ATS-54230R-C1-R0_17 High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments

Omron Electronics LLC
V-15G2-1C26-K Miniature Basic Switch that Offers High Reliability and Security
V700 A High-functionality High-performance RFID System That Revolutionizes Product and Distribution Management in the Production Environment

Molex Electronics Ltd.
19029-0180 Conductor Anvil (Lower) for ASP Press that Process Metal Strip Product

Allegro MicroSystems
A4405 The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.

Ledil, Inc.
CS16102 IESNA Type III (medium) beam for roads that are equal to or wider than mounting height

Molex Electronics Ltd.
19029-0147 Insulation Punch (Upper) for ASP press that process metal strip product

ADTech
ADT6610 3-channel constant current LED driver that has a wide range of output currents

Omron Electronics LLC
D6F-N2 A Compact, High-accuracy Sensor That Measures Low Flow Rates.

Zilog, Inc.
Z51F6412 Power supply level that can be adjusted with potentiometer R20

Panasonic Battery Group
BR2330-GUN Coin type lithium batteries are high energy, high reliability batteries for a variety of applications. The full 3 volts in these high energy density batteries is about twice that of conventional dry batteries.

PHOENIX CONTACT
0831047 The UC-EMP ... UniCard labeling range includes markers that can be fitted into existing CARRIER-EMP ... label frames

Wurth Elektronik GmbH &...
784787101 It is recommeded that the temperature of the component does not exceed

1 2 3 4 5 6 7 8 9 10 Next >


1 2 3 4 5 Next >


링크 URL :


Privacy Policy
ALLDATASHEET.CO.KR