전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  



SUITABLE 데이터시트, PDF

검색 결과 : 'SUITABLE' - 전체: 44 (1/3) Pages
제조업체부품명데이터시트부품 상세설명

PHOENIX CONTACT
2905469 Particularly suitable for maximum protection of sensitive devices in harsh environments
SF-BIT-HEX-4-50 Screw bit, hexagon, E6.3-1/4" drive, size: Hex 4 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
WIREFOX-16-1 Stripping pliers, for cables and conductors with a cross section of 6 ‑ 16 mm², self-adjusting, any stripping length, also suitable for sensor/actuator cables
RIF-RH-4 Relay retaining bracket, with holder for marking material, suitable for RIF-4 relay base, for high-power relay
RIF-RHM-2 Relay retaining bracket, wire model, suitable for RIF-2 relay base
2230001 Suitable for outdoor/indoor applications
2321376 Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 15 m
2230009 Suitable for outdoor/indoor applications
SF-BIT-HEX-8-50 hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173
TP-3156W Robust and sturdy, thanks to glass front suitable for industrial use
RIF-RHM-1-H Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
SF-BIT-HEXB-5-89 Screw bit, hexagonal with ball head, E6.3-1/4" drive, size: Hex 5 x 89 mm, hardened, suitable for holder according to DIN 3126-F 6.3/ISO 1173
2203152 Suitable for handheld devices
2905467 Particularly suitable for maximum protection of sensitive devices in harsh environments
SF-BIT-HEX-3-50 Screw bit, hexagon, E6.3-1/4" drive, size: Hex 3 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173
2300818 Assembled circular cable, with one 20-pos. and two 14-pos. socket strips (for Emerson Delta V). The cable is suitable for coupling 8- channel modules. Length of cable: 3 m
RIF-RH-3 Relay retaining bracket, with holder for marking material, suitable for RIF-3 relay base, for octal relay
RAD-ISM-2400-ANT-CIR-8-0 Particularly suitable for use in industrial halls with a very high reflection component due to metal
2321363 Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 20 m
2230005 Suitable for outdoor/indoor applications

1 2 3 Next


1 2 3 Next