제조업체 | 부품명 | 데이터시트 | 상세설명 |
Renesas Technology Corp
|
SMOD701 |
506Kb/11P |
Hydrogen Gas Smart Sensing Module Rev.1.1 Apr 13, 2021 |
SMOD711 |
727Kb/10P |
Flammable Gas Smart Sensing Module August 9, 2017 |
SMOD707 |
651Kb/10P |
Low-Power VOC Smart Sensing Module July 21, 2017 |
ISL3034E |
893Kb/16P |
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator Nov 7, 2019 |
ISL6565A |
1Mb/28P |
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application |
ISL6326B |
1Mb/30P |
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing |
ISL6326 |
1Mb/30P |
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing |
ISL6561 |
1Mb/27P |
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application |
ISL6327 |
1Mb/30P |
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing |
ISL6564A |
1Mb/28P |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing |
ISL6327A |
1Mb/30P |
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing |
ISL6564 |
1Mb/28P |
Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing |
ISL6306 |
1Mb/33P |
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing |
ISL6307A |
1Mb/33P |
Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing |
ISL6316 |
1Mb/30P |
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application |
ISL6307B |
1Mb/33P |
6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications in Which Supply |
R01DS0386EJ0130 |
2Mb/117P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features. Rev.1.30 Nov 30, 2022 |
RA2E1 |
2Mb/114P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 128-KB code flash memory, 16-KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, Security and Safety features. Feb 9, 2022 |
RX230 |
3Mb/170P |
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory, various communication functions including USB 2.0 full-speed host/function/OTG, CAN, SD hostnterface,serial sound interface, capacitive touch sensing unit, Sep 28, 2018 |
RA2L1 |
1Mb/111P |
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 256-KB code flash memory, 32 KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, 12-bit D/A Converter, Security and Safety features. May 20, 2022 |