전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  



ROUND 데이터시트, PDF

검색 결과 : 'ROUND' - 전체: 85 (1/5) Pages
제조업체부품명데이터시트부품 상세설명

PHOENIX CONTACT
2318172 Round cable assembled with a 16-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 16 and have ferrules, cable length: 3.0 m
2314558 Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 30.0 m
2305318 Round cable assembled with a 20-pos.
2314383 Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 15.0 m
2318554 Round cable set; connection 1: IDC/FLK socket strip (1x 20-position, 180 °-Out put); connection 2: IDC/FLK socket strip (1x 20-position, 90 °-out put); cable length: 1 m
2321334 Round cable with a molded 40-pos.
2314503 Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 20.0 m
2288972 Round cable set; connection 1: IDC/FLK socket strip (1x 14-position); connection 2: IDC/FLK socket strip (1x14-position); cable length: 4 m
2314338 Round cable set, with two 50-pos. molded socket strips (1:1 connection). Length of cable: 15.0 m
2318635 Round cable set; connection 1: IDC/FLK socket strip (1x 26-position, 180 °-Out put); connection 2: IDC/FLK socket strip (1x 26-position, 90 °-out put); cable length: 1 m
2298522 Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for OB 32, no. of positions 40/4x14, cable length 2.0 m
2318211 Round cable assembled with a 16-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 16 and have ferrules, cable length: 10.0 m
2305907 Round cable assembled with a 50-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 50 and have ferrules, cable length: 8 m
2305376 Round cable assembled with a 50-pos.
2305790 Round cable assembled with a 14-pos.
2321376 Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 15 m
2296728 Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 3.0 m
2901609 Round cable - VIP-CAB-FLK14/AXIO/0,14/3,0M
2305389 Round cable assembled with a 50-pos. socket strip and an open end. On the open end, the wires are labeled with 1 to 50 and have ferrules, cable length: 2.5 m
2314532 Round cable set, with two 40-pos. molded socket strips (1:1 connection). Length of cable: 20.0 m

1 2 3 4 5 Next


1 2 3 4 5 Next