전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

REEL 데이터시트, PDF

검색 결과 : 'REEL' - 전체: 27 (1/2) Pages
제조업체부품명데이터시트부품 상세설명

Molex Electronics Ltd.
0365350001 MLX Crimp Terminal 42024, 14-16 AWG, Reel, Tin (Sn)
0430300002 Micro-Fit 3.0™ Crimp Terminal, Female, with Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel
0357450410 Tab Crimp Terminal 35745, Male, 24-26 AWG , (0.20 - 0.12mm²), Brass, Pre-Tin Plated, Reel
0430310001 Micro-Fit 3.0™ Crimp Terminal, Male, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
0430310005 Micro-Fit 3.0™ Crimp Terminal, Male, with Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0433742001 Sabre™ Crimp Terminal, Female, With Tin (Sn) Plated Brass Contact, 18-20 AWG, Reel Packaged, without TPA, UL1007 or UL1015 Wire
0430310004 Micro-Fit 3.0™ Crimp Terminal, Male, with Tin (Sn) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0430300006 Micro-Fit 3.0™ Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0365360001 MLX Crimp Terminal 42023, 14-16 AWG, Reel, Tin (Sn), Lead Free
0433752001 Sabre™ Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 2.85mm Max. Insulation Diameter, Reel Packaged
0430310006 Micro-Fit 3.0™ Crimp Terminal, Male, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 26-30 AWG, Reel
0433753001 Sabre™ Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 4.57mm Max. Insulation Diameter, Reel Packaged
0430300001 Micro-Fit 3.0™ Crimp Terminal, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 20-24 AWG, Reel
0430300003 Micro-Fit 3.0™ Crimp Terminal, Female, with Select Gold (Au) Plated Tin/Brass Alloy Contact, 20-24 AWG, Reel
0366630001 MLX Double Crimp Terminal, 10-12 AWG, Reel, Tin (Sn)
0433740001 Sabre™ Crimp Terminal, Female, With Tin (Sn) Plated Brass Contact, 14-16 AWG, Reel Packaged, with TPA
0433755001 Sabre™ Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 20+20 AWG, 2.85mm Max. Insulation Diameter, Reel Packaged
0366640001 MLX Crimp Terminal 42024, 10-12 AWG, Reel, Tin (Sn)
0357470410 Tab Crimp Terminal 35747, Male, 24-26 AWG , (0.20 - 0.12mm²), Brass, Pre-Tin Plated, Reel
0431784002 Sabre™ Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged

1 2 Next


1 2 Next