전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

REEL 데이터시트, PDF

검색 결과 : 'REEL' - 전체: 62 (1/4) Pages
제조업체부품명데이터시트부품 상세설명

Molex Electronics Ltd.
0039000089 4.20mm Pitch Mini-Fit™ Crimp Terminal, Female, Brass, Gold (Au), 16 AWG, Reel
0039000183 4.20mm Pitch Mini-Fit Crimp Terminal, Female, Phosphor Bronze, Gold (Au),22-28 AWG, Reel
0082248524 2.50mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32 ) Stranded,Topcoat, 24 Circuits, Reel 30.48m (100.0 ) Length
0039000083 4.20mm Pitch Mini-Fit Crimp Terminal, Male, Phosphor Bronze, Tin (Sn), 16 AWG, Reel
0039000211 4.20mm Pitch Mini-Fit™ Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 16 AWG, Reel
0082247711 2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 11 Circuits, Reel 30.48m (100.0) Length
0039000432 4.20mm Pitch Mini-Fit™ Crimp Terminal, Male, Brass, Gold (Au) Contact Plating, Lead-free, 22-28 AWG, Reel
0039000223 4.20mm Pitch Mini-Fit Crimp Terminal, Male, Phosphor Bronze, Gold (Au), 16 AWG, Reel
0097000001 KK® Cat Ear Crimp Terminal 4809, 22-30 AWG, Un-plated, Reel
0039000323 2.36mm Diameter, Standard Pin and Socket Crimp Terminal, Series 1434, Male, with Tin (Sn) over Copper Plated Brass Contact, 24-28 AWG, Reel
0039000034 Crimp Terminal 5394, 20-22 AWG, Reel
0082286031 2.54mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded,Topcoat, 3 Circuits, Reel 30.48m (100.0 ) Length
0040021602 Flat Blade Crimp Terminal, Series 41422, Female, With Tin (Sn) Plated Brass Contact, 14-18 AWG, Reel Packaged
0039000048 4.20mm Pitch Mini-Fit™ Crimp Terminal, Male, with Tin (Sn) Plated Brass Contact, 22-28 AWG, Reel
0039000329 1.57mm Diameter, Standard Pin and Socket Crimp Terminal, Series 1560, Male, with Gold (Au) over Nickel Plated Brass Contact, 18-24 AWG, Reel
0039000219 4.20mm Pitch Mini-Fit™ Crimp Terminal, Male, Phosphor Bronze, Gold (Au), 18-24 AWG, Reel
0039000207 4.20mm Pitch Mini-Fit Crimp Terminal, Female, with Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
0039000077 4.20mm Pitch Mini-Fit™ Crimp Terminal, Female, with Tin (Sn) over Copper (Cu) Plated Brass, 16 AWG, Reel
0039000213 4.20mm Pitch Mini-Fit Crimp Terminal, Female, Phosphor Bronze, Tin (Sn), 18-24 AWG, Reel
0039000114 4.20mm Pitch Mini-Fit Crimp Terminal, Female, Tin Plating, 18- 24 AWG, Reel

1 2 3 4 Next


1 2 3 4 Next