제조업체 | 부품명 | 데이터시트 | 상세설명 |
Roithner LaserTechnik G...
|
GUVC-T21GH |
444Kb/3P |
voltage output |
GUVV-T21GH |
564Kb/3P |
voltage output |
LD808-5-TO3 |
244Kb/2P |
Output power5.0w(CW) Variety of stripe width Efficient quantum well structure |
DL-LS5017 |
108Kb/1P |
Short wavelength 405nm Light Output 60mW CW Low threshoid current Package 5.6mm |
LD808-2-TO3 |
242Kb/2P |
Output Power: 2.0w(CW) Variety of stripe width Efficient quantum well structure |
APG2C1-365-E |
322Kb/4P |
Structure: inGaN Peak Wavelength: 365nm Optical Output Power: typ. 135mW Life Time: 10.000 hours |
LDS-1310-005-BL |
141Kb/3P |
Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency |
APG2C1-395 |
324Kb/4P |
Structure: InGaN Peak Wavelength: 395 nm Optical Output Power: typ. 55 mWLife Time: > 10.000 hours |
DL-3146-151 |
120Kb/1P |
Short wavelength : 405 nm Light Output 5mW CW Low threshold current lth 35mA Package 05.6mm |
LDM-0808-300M-91 |
186Kb/3P |
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package |
APG2C1-385 |
380Kb/4P |
Struture: InGaN Peak Wavelength: 365 nm Optical Output Power: typ. 60 mW Life Time 10.000 hours |
APG2C1-410 |
345Kb/4P |
Structure: InGaN Peak Wavelength: 410 nm Optical Output Power: typ. 125 mW Life Time: > 10.000 hours |
APG2C1-375-E |
318Kb/4P |
Structure: InGaN Peak Wavelength: 375 nm Optical Output Power: typ. 200 mW Life Time: > 10.000 hours |
LDM-0980-300M-92 |
179Kb/3P |
CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package |
LDM-0808-1000-93 |
184Kb/3P |
CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package |
RLT405-50CMG |
617Kb/3P |
RLT405-50CMG is an Violet Laser Diode emitting at 405 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package |
RLT410-50CMG |
616Kb/3P |
RLT410-50CMG is an Violet Laser Diode emitting at 410 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package |
RLT425-50CMG |
775Kb/4P |
RLT425-50CMG is a violet laser diode emitting at 425 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package |
RLT390-50CMG |
619Kb/3P |
RLT390-50CMG is an Violet Laser Diode emitting at 390 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package |
RLT415-50CMG |
615Kb/3P |
RLT415-50CMG is an Violet Laser Diode emitting at 415 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package |