전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  



NICKEL 데이터시트, PDF

검색 결과 : 'NICKEL' - 전체: 112 (1/6) Pages
제조업체부품명데이터시트부품 상세설명

Molex Electronics Ltd.
0874271812 4.20mm (.165) Mini-Fit Jr.™ Header, Right Angle, Nylon, with Flange, 18 Circuits, Tin (Sn) over Nickel (Ni) Plating, Glow Wire Compatible
0759001241 3.50mm (.138) Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 8 Circuits, 1.25μm (50μ) Nickel (Ni) Overall
0757576321 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 2.50μm (100μ) Minimum Select Matte Tin (Sn) Plating on Tail
0757570342 3.50mm Pitch, MX150 Header, Breakaway, Vertical, 4 Circuits, 1.25um Nickel (Ni) Overall
0759001182 3.50mm (.138) Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 16 Circuits, 1.25μm (50μ) Nickel (Ni) Overall
0757575221 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 2.50μm (100μ) Minimum Select Matte Tin (Sn) Plating on Tail
0759001302 3.50mm (.138) Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 20 Circuits, 1.25μm (50μ) Nickel (Ni) Overall
0759001131 3.50mm Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 6 Circuits, 1.25μm Nickel (Ni) Overall
0874271842 4.20mm Mini-Fit Jr.™ Header, Vertical, Nylon, without Flange, 18Circuits, Tin (Sn) over Nickel (Ni) Plating, Glow Wire Compatible
0874270812 4.20mm Mini-Fit Jr.™ Header, Right Angle, High Temperature, with Flange, 8 Circuits, Tin (Sn) over Nickel (Ni) Plating, Glow Wire Compatible
0757570361 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 6 Circuits, 1.25μm Nickel (Ni) Overall, 2.50μm Minimum Select Matte Tin (Sn) Plating on Tail
0874270412 4.20mm Mini-Fit Jr.™ Header, Right Angle, High Temperature, with Flange, 4Circuits, Tin (Sn) over Nickel (Ni) Plating, Glow Wire Compatible
0759001232 3.50mm Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 6 Circuits, 1.25μm Nickel (Ni) Overall
0757570232 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 3 Circuits, 1.25μm (50μ")Nickel (Ni) Overall, 2.50μm Minimum Select Matte Tin (Sn) Plating on Tail0.05μm Minimum Select Gold (Au) Contact Area, 11.20mm Mating Pin
0781720411 1.20mm Pitch Pico-EZmate™ Wire-to-Board Crimp Terminal, Gold (Au) Flashover Nickel (Ni) Plated, Lead free
0757570141 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 1.25μm (50μ")Nickel (Ni) Overall, 2.50μm Minimum Select Matte Tin (Sn) Plating Overall11.20mm Mating Pin Length, 3.05mm PC Tail Length
0759001202 3.50mm Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 20 Circuits, 1.25μm Nickel (Ni) Overall, 2.50μm Minimum Select Matte Tin
0757570221 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 2 Circuits, 1.25μm Nickel (Ni) Overall, 2.50μm Minimum Select Matte Tin (Sn) Plating on Tail
0757570452 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 5 Circuits, 1.25μm (50μ")Nickel (Ni) Overall, 1.50μm Minimum Select Matte Tin (Sn) Plating Overall11.20mm Mating Pin Length, 4.75mm PC Tail Length
0757570251 3.50mm Pitch, MX150™ Header, Breakaway, Vertical, 5 Circuits, 1.25μm (50μ")Nickel (Ni) Overall, 2.50μm Minimum Select Matte Tin (Sn) Plating on Tail

1 2 3 4 5 6 Next


1 2 3 4 5 Next >