전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  



NICKEL 데이터시트, PDF

검색 결과 : 'NICKEL' - 전체: 82 (1/5) Pages
제조업체부품명데이터시트부품 상세설명

Molex Electronics Ltd.
0442624434 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG
0442624436 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 14-16 AWG
0469911006 4.20mm Pitch Mini-Fit RTC™ Reflow High Temperature Compatible Header,Right Angle, Dual Row, 6 Circuits, without Mounting Peg, Tin (Sn) Over Nickel (Ni) Plating
0442626311 5.33mm Pitch Crimp Terminal, Power Blade, Tin (Sn), All Over Nickel (Ni), 10-12 AWG, Blade Length 11.56mm
0471518021 0.50mm Pitch HDMI* Receptacle, Right Angle, 0.76μm Gold (Au) Plating,Mounted Height 16.08mm Shell Nickel (Ni) Plated, with Flange and Back Cover
0442624604 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni), 8 AWG
0442626412 5.33mm Pitch Crimp Terminal, Power Blade, Tin (Sn) Over Nickel (Ni), 14-16 AWG, Blade Length 13.08mm
0442624634 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG
0442624402 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni), 10-12 AWG
0452801601 3.00mm Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 16 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating
0442624636 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 10-12 AWG
0452801201 3.00mm Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 12 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating
0471510172 0.50mm Pitch HDMI* Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm Shell Gold (Au) Flash over Nickel (Ni) Plated, without Back Cover, Natural Housing
0452801801 3.00mm Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 18 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating
0471511052 0.50mm Pitch HDMI* Receptacle, Right Angle, Gold (Au) Flash Plating, Front Solder Tab Length 1.80mm Shell Nickel (Ni) Plated, with Flange and Back Cover
0442624336 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 14-16 AWG
0476301000 0.50mm Pitch HDMI* Receptacle, Right Angle, Mid-Mount, 0.76μm Gold (Au) Plating, Shell Nickel (Ni) Plated, Tape and Reel Package, 19 Circuits, Lead Free
0442624406 9.14mm Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni), 14-16 AWG
0473935001 2.50mm Pitch Pogo Connector, Height: 3.95mm 1.02um Gold (Au) over Nickel Plating, 2x2 Circuits
0471511102 0.50mm Pitch HDMI* Receptacle, Right Angle with Screw Flange, Front Solder Tab Length 1.45mm Shell Nickel (Ni) Plated, with Back Cover, Tray Package,Lead Free

1 2 3 4 5 Next


1 2 3 4 5 Next