전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  



MONITOR 데이터시트, PDF

검색 결과 : 'MONITOR' - 전체: 15 (1/1) Pages
제조업체부품명데이터시트부품 상세설명

Dialog Semiconductor
SLG59H1128V A 22 V, 13.1 mΩ, 5 A Integrated Power Switch with VIN Lockout Select and Analog Current Monitor Output
SLG59H1017V A 13.3 mΩ, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and Analog Current Monitor Output
SLG5NTH1011V A 22 V, 50 mΩ, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1007V A 22 V, 13.3 mΩ, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
SLG59H1009V A 22V, 13.1 m, 4 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1012V A 22 V, 13.1 mΩ, 6 A, 85°C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59M1707V A 125 °C Rated, 4 mm2, 13 mΩ, 3.5 A Integrated Power Switch with Protection Features and an Analog Current Monitor Output
SLG59H1005V A 22 V, 50 mΩ, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1019V A 13 mΩ, 5 A, Integrated Power Switch with Soft-start, Protection Features, and MOSFET Current Monitor Output
SLG59H1013V A 13.3 mΩ, 3.5 A, 125°C-Rated, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
SLG59H1008V A 13.3 mΩ, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
SLG59H1010V A 13.3 mΩ, 5 A, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
SLG59H1016V A 22 V, 13.1 mΩ, 3.5 A, 125°C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1120V A 12 V, 18 m, 5 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1006V A 22 V, 13.1 mΩ, 5 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output