전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  



EXTERNAL 데이터시트, PDF

검색된 단어 : 'External' - Total: 25 (1/2) Pages
제조업체부품명데이터시트상세설명
Company Logo Img
Molex Electronics Ltd.
0473913001 Datasheet pdf image
148Kb/3P
1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount, 1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount
0473913002 Datasheet pdf image
148Kb/3P
1.27mm (.050") Pitch External Serial ATA Shelled Plug without Flange, Bottom Mount, Right Angle
0473790100 Datasheet pdf image
253Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Unmating Height 7.70mm (.303")
0473792100 Datasheet pdf image
253Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Unmating Height 7.70mm (.303"), 0.76um
0474036001 Datasheet pdf image
220Kb/4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through
0473920101 Datasheet pdf image
270Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, 0.38um
0473920104 Datasheet pdf image
270Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, 0.38um
0474038002 Datasheet pdf image
204Kb/4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
0474036002 Datasheet pdf image
220Kb/4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole
0473912000 Datasheet pdf image
135Kb/3P
1.27mm (.050") Pitch External Serial ATA Plug with Flanged Shell, BottomMount, Right Angle, Unmating Height 7.70mm
0473910000 Datasheet pdf image
135Kb/3P
1.27mm (.050") Pitch External Serial ATA Plug with Flanged Shell, Bottom Mount, Right Angle, Unmating Height 7.70mm
0474036202 Datasheet pdf image
229Kb/4P
Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith SMT type Front Solder Tabs, Reverse Mount on Recessed PCB, Lead free
0473921001 Datasheet pdf image
269Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, Gold Flash, Unmating Height 7.70mm (.303"), Black, Inline Plastic Pegs
0473920001 Datasheet pdf image
270Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, Gold Flash, Unmating Height 7.70mm (.303"), Black, Staggered Plastic Pegs
0474038000 Datasheet pdf image
204Kb/4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs and Beveled Metal Pins, Lead free
0474036000 Datasheet pdf image
220Kb/4P
Combo External Serial ATA and USB Receptacles, Reverse Type, Through Hole, Right Angle, with Through Hole type Solder Tabs, Beveled Metal Pins and Mylar, Lead free
0473921004 Datasheet pdf image
269Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, Gold Flash, Unmating Height 7.70mm (.303"), Red, Inline Plastic Pegs, without Mylar
0473790000 Datasheet pdf image
253Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Unmating Height 7.70mm (.303"), Gold (Au) Flash, Top Surface Mount with Shell, Right Angle, 7 Circuits
0473921104 Datasheet pdf image
270Kb/5P
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, 0.38關m (15關") Gold (Au) Plating, Unmating Height 7.70mm (.303"),Red
0473911000 Datasheet pdf image
135Kb/3P
1.27mm (.050") Pitch External Serial ATA Plug with Flanged Shell, BottomMount, Right Angle, Unmating Height 7.70mm (.303"), 0.38關m (15關") Gold (Au) Plating, 7 Circuits

1 2 >


1 2 >



External 란


전자부품에서 EXTERNAL은 일반적으로 내부 시스템이나 장치 외부에서 작동하거나 연결되는 것을 의미합니다. 이 용어는 다양한 맥락에서 사용될 수 있으며, 주로 다음과 같은 상황에서 사용됩니다:

EXTERNAL DEVICE (외부 장치): 컴퓨터나 전자 기기와 연결되어 작동하면서 외부에서 작동하는 장치를 가리킵니다. 예를 들어, 컴퓨터에 연결되는 외장 하드 디스크, 프린터, 스캐너, 마우스, 키보드 등이 이에 해당합니다.

EXTERNAL CONNECTION (외부 연결): 전자 부품이나 시스템과 외부 장치 또는 다른 시스템과의 연결을 의미합니다. 이는 데이터 전송, 전력 공급, 신호 송수신 등을 위해 사용될 수 있습니다.

EXTERNAL SIGNAL (외부 신호): 전자 부품이나 장치에 영향을 주는 외부로부터 발생하는 신호를 의미합니다. 이는 보통 주변 환경의 영향을 받는 경우나 외부 장치에서 발생하는 신호 등을 가리킵니다.

EXTERNAL POWER (외부 전원): 전자 부품이나 시스템을 동작시키기 위해 외부에서 제공되는 전력을 의미합니다. 일부 장치는 내장 배터리나 전원 공급 장치 대신 외부 전원을 사용합니다.

EXTERNAL MODULE (외부 모듈): 전자 부품이나 시스템에 추가 기능을 제공하기 위해 외부에서 연결되는 독립적인 모듈을 의미합니다. 이를 통해 부가적인 기능이나 특성을 추가할 수 있습니다.

EXTERNAL이라는 용어는 부품 또는 시스템의 확장성과 연결성을 강조하는데 사용되며, 내부적으로 동작하는 부분과 구분하여 사용됩니다.