전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

EEPROM 데이터시트, PDF

검색 결과 : 'EEPROM' - 전체: 10 (1/1) Pages
제조업체부품명데이터시트부품 상세설명

NXP Semiconductors
PCA9558 8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
P89V52X2 8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
P89LPC932A1 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
LPC11U34 32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
PCA9500 8-bit I2C-bus and SMBus I/O port with 2-kbit EEPROM
PCA24S08A 1024 x 8-bit CMOS EEPROM with access protection
LPC11E36 32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
P89LPC9321 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 512-byte data EEPROM
PCA9501 8-bit I2C-bus and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins
LPC1315 32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM