제조업체 | 부품명 | 데이터시트 | 상세설명 |
PHOENIX CONTACT
|
2402809 |
49Kb/1P |
USB memory stick - USB FLASH DRIVE |
SAC-BIT-MIN-D25 |
45Kb/2P |
SAC nut, for assembling 7/8" connectors, with 4 mm hexagonal drive |
SAC-BIT-HOOD-W-24 |
50Kb/3P |
Nut for assembling pressure nuts with 24 mm wrench size, for 4 mm hexagonal drive |
2316371 |
48Kb/2P |
One communication interface module can drive up to ten individual PROFIBUS DP or PROFIBUS PA modules |
TSD-02-SAC |
52Kb/3P |
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors |
FB-HSB-DP |
75Kb/3P |
One communication interface module can drive up to ten individual PROFIBUS DP or PROFIBUS PA modules |
SAC-BIT-QUICKON-W13 |
48Kb/3P |
Nut for assembling QUICKON pressure nuts with 13 mm wrench size, for 4 mm hexagonal drive |
SAC-BIT-M12-W14 |
46Kb/2P |
SAC nut, for assembling M12 connectors with hexagonal high-grade steel knurl, with 4 mm hexagonal drive |
SACC-BIT-M12-D20 |
49Kb/2P |
Nut for assembling M12 connectors for assembly with a knurl diameter of 20 mm, for 4 mm hexagonal drive |
WES2009 |
43Kb/1P |
Operating system recovery kit for Windows짰 Embedded 2009 and Windows Embedded 7 operating systems. Kit includes a USB drive. |
BL-PPC-1000-SATA-TR |
54Kb/2P |
Installation hardware and empty drive tray ready for installation of SSD/HDD. For use with the Basicline PPC 1000. |
SF-BIT-HEX-6-50 |
50Kb/2P |
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 6 x 50 mm, hardened, suitable for holder according to DIN |
SAC-BIT-M8-D10 |
50Kb/2P |
Nut for assembling M8 connectors with longitudinal knurl and a knurl diameter of 10 mm, for 4 mm hexagonal drive |
SACC-BIT-M8-D12 |
50Kb/2P |
Nut for assembling M8 connectors with longitudinal knurl and a knurl diameter of 12 mm, for 4 mm hexagonal drive |
2403282 |
51Kb/1P |
The BL BPC 2000 80 GB SSD KIT is for adding an 80 GB SSD mass storage drive to the BL BPC 2000. |
BHN-10 |
41Kb/2P |
Socket wrench insert, magnetic, hexagonal, 10 mm wrench size, 1/4" drive, suitable for holders according to DIN 3126-F 6,3/ISO 1173 |
SF-BIT-HEX-3-50 |
44Kb/2P |
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 3 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173 |
SF-BIT-HEX-5-50 |
44Kb/2P |
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 5 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173 |
SF-BIT-HEX-2-50 |
47Kb/2P |
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 2 x 50 mm, hardened, suitable for holder according to DIN 3126- F6.3/ISO 1173 |
SF-BIT-HEX-4-50 |
44Kb/2P |
Screw bit, hexagon, E6.3-1/4" drive, size: Hex 4 x 50 mm, hardened, suitable for holder according to DIN 3126-F6.3/ISO 1173 |