전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  



DIRECT 데이터시트, PDF

검색 결과 : 'DIRECT' - 전체: 25 (1/2) Pages
제조업체부품명데이터시트부품 상세설명

PHOENIX CONTACT
1425102 Power cable, 4-position, PVC, black-gray RAL 7021, Plug straight M12, L-coded, on Socket straight M12, Lcoded, cable length: 0.6 m, for direct current up to 16 A/63 V
1425099 Power cable, 4-position, PVC, black-gray RAL 7021, Socket angled M12, L-coded, on free cable end, cable length: 5 m, for direct current up to 16 A/63 V
1425096 Power cable, 4-position, PVC, black-gray RAL 7021, Socket straight M12, L-coded, on free cable end, cable length: 10 m, for direct current up to 16 A/63 V
1425095 Power cable, 4-position, PVC, black-gray RAL 7021, Socket straight M12, L-coded, on free cable end, cable length: 5 m, for direct current up to 16 A/63 V
2727365 Inline power-level terminal blocks, electronic direct starter, up to 3.7 kW / 400 V AC
1425093 Power cable, 4-position, PVC, black-gray RAL 7021, Socket straight M12, L-coded, on free cable end, cable length: 1.5 m, for direct current up to 16 A/63 V
2727352 Inline power-level terminal blocks, electronic direct starter, up to 1.5 kW / 400 V AC
1425089 Power cable, 4-position, PVC, black-gray RAL 7021, Plug angled M12, L-coded, on free cable end, cable length: 1.5 m, for direct current up to 16 A/63 V
1425092 Power cable, 4-position, PVC, black-gray RAL 7021, Plug angled M12, L-coded, on free cable end, cable length: 10 m, for direct current up to 16 A/63 V
2701295 Axiocontrol for the direct control of Axioline I/Os. With 2 Ethernet interfaces, extended temperature range, and programming options according to IEC 61131-3. Complete with connector connector and marking field.
1425088 Power cable, 4-position, PVC, black-gray RAL 7021, Plug straight M12, L-coded, on free cable end, cable length: 10 m, for direct current up to 16 A/63 V
2903523 Electronic monitoring relay for undervoltage monitoring of direct and alternating voltages in single-phase networks
2700152 Tube, 45 mm long, Ø 25 mm, for direct tube mounting on the foldaway base
1425091 Power cable, 4-position, PVC, black-gray RAL 7021, Plug angled M12, L-coded, on free cable end, cable length: 5 m, for direct current up to 16 A/63 V
2866048 Electronic monitoring relay for voltage monitoring of direct and alternating voltages in single-phase networks
85366990 Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting
EMG45-ELR3 Electronic load relay, for direct driving of equipment in the 3-phase network, with light indicator and protection circuit, output: 320 V AC 440 V AC/3x 1.5 A
2701258 Control coupling with OPC and 2 direct drivers
ELR3 Electronic load relay, for direct driving of equipment in the 3-phase network, with light indicator and protection circuit, output: 110-550 V AC/3 x 9 A
2403729 Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU

1 2 Next


1 2 Next