제조업체 | 부품명 | 데이터시트 | 상세설명 |
PHOENIX CONTACT
|
2702480 |
70Kb/4P |
Space saving, thanks to the small diameter |
PPS-ST |
50Kb/2P |
Stamping bit, for bore holes: 4.3 mm diameter |
MICROFOX-SC |
48Kb/2P |
Diagonal cutter for Cu wire up to 1.5 mm diameter |
CYCLOPS |
50Kb/2P |
Stripping tool, for conductors and cables of 0 to 11 mm diameter |
WIREFOX-2 |
55Kb/3P |
Stripping tool, for conductors and cables of 0.08 to 2.5 mm diameter |
QUICK-WIREFOX-16 |
82Kb/3P |
Stripping tool, for conductors and cables of 6.0 to 16.0 mm diameter |
1680393 |
76Kb/3P |
Rubber seal for Pg screw connection 13.5, for conductor diameter 9.0mm ... 13.0 mm |
2702485 |
70Kb/4P |
Easy mechanical replacement of traditional tube lights (retrofit), thanks to 70 mm diameter |
1680377 |
71Kb/2P |
Rubber seal for Pg screw connection 13.5, for conductor diameter 4.0mm, 6.5 mm |
1680380 |
75Kb/3P |
Rubber seal for Pg screw connection 13.5, for conductor diameter 6.5mm, 9.5 mm |
RAD-WHA-MKT |
44Kb/2P |
Mounting kit for WirelessHART adaptor (RAD-WHA-1/2NPT). Allows attachment to a pipe 38 to 89 mm diameter (1.5 to 3.5-inch diameter) or a flat surface, such as a panel. |
CUTFOX-12 |
49Kb/2P |
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm짼) |
2200174 |
59Kb/3P |
Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm) |
RC-Z2490 |
49Kb/1P |
Positioning and unlocking tool for RC crimp contacts (D-SUB) for pin/socket, diameter: 2 mm |
2200173 |
57Kb/2P |
Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm) |
1705452 |
49Kb/1P |
Coding profile, inserted into the hole on the plug, made from red insulating material, diameter: 1.35 mm |
SACC-BIT-M12-D20 |
49Kb/2P |
Nut for assembling M12 connectors for assembly with a knurl diameter of 20 mm, for 4 mm hexagonal drive |
CF-500DIE-TC-10 |
43Kb/2P |
Die for crimping machine CF 500, for turned contacts with 4.0 mm pin diameter (CK 4.0) 6 - 10 mm짼 |
SACC-BIT-M8-D12 |
50Kb/2P |
Nut for assembling M8 connectors with longitudinal knurl and a knurl diameter of 12 mm, for 4 mm hexagonal drive |
3212251 |
53Kb/2P |
The test plug reliably makes contact in the bridge shaft and in all test sockets with a 2.3 mm diameter |