전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  



DESIGN 데이터시트, PDF

검색 결과 : 'DESIGN' - 전체: 127 (1/7) Pages
제조업체부품명데이터시트부품 상세설명

PHOENIX CONTACT
3069976 Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
2947828 Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design.
2947941 Covering hood, for the contact and dust-protected encapsulation of the components, in green design.
2947970 Covering hood, for the contact and dust-protected encapsulation of the components, in green design.
1836874 Maximum flexibility when it comes to device designone header for connectors with different connection technologies
102053 Power Supply Unit, Primary Switched, Narrow Design
1837310 Maximum flexibility when it comes to device designone header for connectors with different connection technologies
CUTFOX-SE Diagonal cutter, angled design, size: 180 mm
2943152 Covering hood, for the contact and dust-protected encapsulation of the components, in transparent design.
2700911 Easy installation, low installation depth, and compact design
PR1-BSC3 Relay socket PR1..., for miniature power relay or miniature switching relay with 1 or 2 PDT or solid-state relay of same construction, 1/3 level design, screw connections, connection facility for input/interference suppression modules
2944724 Covering hood, for the contact and dust-protected encapsulation of the components, in green design
RIF-0-BPT RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
5107474 Power Supply, Primary Switch Mode, Narrow Design MINI-PS-100-240AC/5DC/3
UNIFOX-F-VDE-DB Ergonomic handle design to eliminate fatigue when working
2900531 Illustration shows the 24 V design
2905351 Extremely narrow design, just 12 mm per position
1019749 High degree of application flexibility, thanks to the modular housing design
3969918 Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
1837569 Maximum flexibility when it comes to device designone header for connectors with different connection technologies

1 2 3 4 5 6 7 Next


1 2 3 4 5 Next >