전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

CONTACT 데이터시트, PDF

검색 결과 : 'CONTACT' - 전체: 4480 (1/224) Pages
제조업체부품명데이터시트부품 상세설명

PHOENIX CONTACT
1423646 Crimp contact, contact diameter: 1 mm, turned, Socket, contact material: CuZn, contact surface: Ni/Au, connection cross section: 0.34 mm² ... 1 mm² AWG 22 ... 18
RIF-0-RSC-12DC Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
RIF-0-RSC-24DC Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
RIF-1-RSC-LDP-12DC Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket. Contact type: 1 changeover contact. Input voltage: 12 V DC
RIF-0-RPT-12DC Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
RIF-0-RPT-24DC Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC

Molex Electronics Ltd.
0545481071 0.50mm Pitch FFC/FPC Connector, 1.20mm Height, Right Angle, SMT,ZIF, Bottom Contact Style, 10 Circuits, Lead-free, Gold Contact Plating
0527450697 0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style6 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
0522071660 1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact StyleReceptacle, 16 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging

Mill-Max Mfg. Corp.
168N WRAPOST RECEPTACLES for .022” - .032” diameter pins (#06 contact) and .022” - .034” diameter pins (#16 contact)

Molex Electronics Ltd.
0545500971 0.50mm Pitch FFC/FPC Connector, 1.20mm Height, Right Angle, SMT,ZIF, Top Contact Style, 9 Circuits, Gold (Au) Contact Plating
0522072860 1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact StyleReceptacle, 28 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging

PHOENIX CONTACT
2855910 Inline digital output terminal block, without accessories, 1 relay PDT contact, gold contact, transmission speed 2 MBaud, 5 - 253 V AC, 3 A

Molex Electronics Ltd.
0545502671 0.50mm Pitch FFC/FPC Connector, 1.20mm Height, Right Angle, SMT,ZIF, Top Contact Style, 26 Circuits, Lead-free, Gold Contact Plating
0524372471 0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, 24 Circuits, Gold Contact Plating
0545500471 0.50mm Pitch FFC/FPC Connector, 1.20mm Height, Right Angle, SMT ZIF, Top Contact Style, 4 Circuits, Gold (Au) Contact Plating
0522070360 1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact StyleReceptacle, 3 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522071360 1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style Receptacle, 13 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0522071460 1.00mm Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact StyleReceptacle, 14 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
0541043631 0.50mm Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style36 Circuits, Lead-free, Gold Contact Plating

1 2 3 4 5 6 7 8 9 10 Next >


1 2 3 4 5 Next >


링크 URL :


Privacy Policy
ALLDATASHEET.CO.KR