제조업체 | 부품명 | 데이터시트 | 상세설명 |
Siemens Semiconductor G...
|
52BAK |
325Kb/4P |
30 mm Heavy Duty, Watertight/Oiltight, Class 52 |
3VA1340-5EF32-0AA0 |
873Kb/7P |
circuit breaker 3VA1 IEC frame 400 breaking capacity class M 04/08/2020 |
SPLCGXX |
91Kb/5P |
Laser Diode on Submount 1.0 W cw Class 4 Laser Product |
SPLPLXX |
78Kb/4P |
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product |
SPL2YXX |
115Kb/6P |
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product |
6ES7148-6JG00-0BB0 |
238Kb/5P |
SIMATIC ET 200eco PN, CM 8x IO-Link + DI 4x 24 V DC, M12-L, 8x M12, 4x port class A + 4x port class B, channel diagnostics, shared device with 2 controllers, 6/15/2023 |
SPL2FXX |
122Kb/6P |
Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product |
3RU1136-4HB0 |
313Kb/4P |
Overload relay 40...50 A For motor protection Size S2, Class 10 Contactor mounting Main circuit 10/25/2022 |
3RV2011-1DA10 |
187Kb/5P |
CIRCUIT-BREAKER SZ S00, FOR MOTOR PROTECTION, CLASS 10, A-REL.2.2...3.2A, N-RELEASE 42A, SCREW CONNECTION, STANDARD SW. CAPACITY 04/11/2014 |
CGY96 |
101Kb/10P |
GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%) |
3RV1011-1JA15 |
406Kb/6P |
Circuit breaker size S00 for motor protection, CLASS 10 A-release 7...10 A N release 130 A Screw terminal Standard switching capacity with transverse auxiliary switch 1 NO+1 NC 10/24/2022 |
3VA5330-6EC31-0AA0 |
666Kb/6P |
CIRCUIT BREAKER 3VA5 UL Frame 400 BREAKING CAPACITY CLASS H 65kA @ 480 V 3POLE, LINE PROTECTION TM230, FTAM, In=300A WITHOUT OVERLOAD PROTECTION IR=300A FIXED SHORT CIRCUIT PROTECTION Ii=5...10 x In W/O CONNECTION 04/26/2020 |