제조업체 | 부품명 | 데이터시트 | 상세설명 |
PHOENIX CONTACT
|
2300096 |
102Kb/4P |
Power optocoupler, with protection circuits in 24 V DC input and output circuits. Direct current voltage output max. 3 A |
2271154 |
122Kb/4P |
Input optocoupler, with protection circuits in input and output circuits, input: 24 V DC, output: TTL logic level, max. 100 mA |
EMG17-OV-TTL |
112Kb/5P |
Power optocoupler, with light indicator and protection circuits in the input and output circuits, input: TTL 5 V DC, output: short-circuit resistant, 24 V DC/max. 2 A |
EMG17-OE-12DC |
83Kb/4P |
Input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 12 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA |
ST-OE2-230AC |
92Kb/4P |
Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: 8 - 48 V DC/ max. 100 mA, can be plugged on basic termination blocks |
ST-OV3-220DC |
91Kb/5P |
Pluggable power optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: 24-280 V AC/max. 3 A, can be plugged on basic termination blocks |
ST-OE3-230AC |
83Kb/5P |
Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks |
ST-OE3-220DC |
84Kb/5P |
Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks |
2838513 |
141Kb/7P |
LSA-PLUS plug (COMTRAB CTM) with protection for conductor pairs in floating signal circuits. Nominal voltage: 24 V DC |
2838571 |
138Kb/6P |
LSA-PLUS plug (COMTRAB CTM) with HF protective circuit for 2-conductor signal circuits grounded on one side. Nominal voltage: 5 VDC |
WIREFOX-6SC |
51Kb/2P |
Replacement blade for WIREFOX 6SC, for cables and conductors (especially for cables protected against short circuits and ground leakages) 1.5 - 6 mm짼 |
SIM-EI-12DC |
77Kb/5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 12 V DC, output: 8 - 48 V DC/100 mA |
SIM-EI-110DC |
77Kb/5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 110 V DC, output: 8 - 48 V DC/100 mA |
SIM-EI-5DC |
83Kb/5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 5 V DC, output: TTL logic level, max. 100 mA |
SIM-EI-120AC |
81Kb/5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 120 V AC, output: 8 - 48 V DC/100 mA |
SIM-EI-230AC |
66Kb/4P |
Input solid-state relay, with protective circuit in input and output circuits, input: 230 V AC, output: 8 - 48 V DC/100 mA |
SIM-EI-60DC |
77Kb/5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/100 mA |
EMG12-OV-220DC |
70Kb/4P |
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 24 -280 V AC/max. 1 A |
EMG12-OV-230AC |
75Kb/4P |
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 230 V AC, output: 24 - 280 V AC/max. 1 A |
EMG17-OV-5DC |
80Kb/4P |
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: short-circuit-proof, 10 - 30 V DC/max. 2 A |