전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

BULK TECHNOLOGY 데이터시트, PDF

검색 결과 : 'BULK TECHNOLOGY ' - 전체: 3438 (1/172) Pages
제조업체부품명데이터시트부품 상세설명

Vishay Siliconix
Y14880R00100D9R Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
VSH Bulk Metal® Foil Technology Low Profile Conformally Coated High Precision Resistor with Tight Tolerance from ± 0.01 % and Load Life
1442 Bulk Metal Foil Technology Dual-In-Line Hermetic Resistor Networks
1413 Bulk Metal Foil Technology 8 Pin Transistor Outline Hermetic Resistor Network
1403_08 Bulk Metal® Foil Technology 4 Pin Transistor Outline Hermetic Resistor Network
VHZ Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
VSR144_07 Bulk Metal Foil Technology Industrial Grade Miniature Voltage Divider
Y14870R01000B9W Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
1260 Bulk Metal® Foil Technology Precision Trimming Potentiometers,3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the
1419 Bulk Metal® Foil Technology 10 Pin Transistor Outline Hermetic Resistor Network
200 Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
SMR1D Bulk Metal Foil Technology Precision Molded Surface Mount Resistor
VHP-3 Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
VSR144 Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
300190-9 Bulk Metal Foil Technology Molded Resistor Networks
VCS101 Bulk Metal Technology Precision, Low Value, Current Sense/Current Shunt Resistors
1457 Bulk Metal Foil Technology 18 Pin Dual-In-Line Hermetic Resistor Network
1422 Bulk Metal® Foil Technology 16 Pin Transistor Outline Hermetic Resistor Network
VTA52 Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
1401 Bulk Metal Foil Technology 3 Pin Transistor Outline Hermetic Resistor Network

1 2 3 4 5 6 7 8 9 10 Next >


1 2 3 4 5 Next >


링크 URL :


Privacy Policy
ALLDATASHEET.CO.KR