전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

AWG 데이터시트, PDF

검색 결과 : 'AWG' - 전체: 525 (1/27) Pages
제조업체부품명데이터시트부품 상세설명

Molex Electronics Ltd.
0082248518 2.50mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32 ) Stranded, Topcoat, 18 Circuits
0022456231 2.54mm KK® IDT Double Cantilever Contact, 23 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
0039000066 4.20mm Pitch Mini-Fit™ Crimp Terminal, Female, Phosphor Bronze, Tin (Sn), 22-28 AWG, Bag
0022456106 2.54mm KK IDT Double Cantilever Contact, 10 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
0082285534 1.27mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Topcoat, 34 Circuits
0190020043 Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0082266846 1.27mm Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 46 Circuits
0039000302 2.36mm Diameter, Standard Pin and Socket Crimp Terminal, Series 1380, Male, with Tin (Sn) over Copper Plated Brass Contact, 18-24 AWG, Bag
0039000329 1.57mm Diameter, Standard Pin and Socket Crimp Terminal, Series 1560, Male, with Gold (Au) over Nickel Plated Brass Contact, 18-24 AWG, Reel
0082285550 1.27mm Pitch Round Conductor Flat Cable-28 AWG (7 x 36) StrandedTopcoat, 50 Circuits, Reel 30.48m (100.0) Length
0190020035 Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0082285733 1.27mm Pitch Round Conductor Flat Cable - 28 AWG (7 x 36) Stranded Tinned, 33 Circuits
0190020023 Avikrimp™ Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Metal Strip
0039000139 4.20mm Pitch Mini-Fit™ Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 22-28 AWG, Reel
0082266824 1.27mm Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 24 Circuits
0022456111 2.54mm KK IDT Double Cantilever Contact, 11 Circuits, Gold (Au), FeedThrough, 22 AWG Wire
0082244416 2.00mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Topcoat, 16 Circuits
0082266834 1.27mm Pitch Round Conductor Flat Cable - 26 AWG (7 x 34) Stranded Tinned, 34 Circuits
0022456057 2.54mm KK® IDT Double Cantilever Contact, 5 Circuits, Gold (Au), Feed-To, 22 AWG Wire
0022426035 2.54mm KK® IDT Double Cantilever Contact, 3 Circuits, Tin (Sn), Feed-To, 22 AWG Wire, Friction Ramp and Polarizing Rib

1 2 3 4 5 6 7 8 9 10 Next >


1 2 3 4 5 Next >