제조업체 | 부품명 | 데이터시트 | 상세설명 |
Siemens Semiconductor G...
|
BUZ382 |
160Kb/9P |
SIPMOS Power Transistor(400 V 12.5A 0.4 Ohm TO-218AA) |
3VA1340-5EF32-0AA0 |
873Kb/7P |
circuit breaker 3VA1 IEC frame 400 breaking capacity class M 04/08/2020 |
5SY6110-7 |
371Kb/6P |
Miniature circuit breaker 230/400 V 6kA, 1-pole, C, 10A, D=70 mm 3/30/2023 |
5SP4392-7 |
1Mb/7P |
Miniature circuit breaker 400 V 10kA, 3-pole, C, 125 A, D=70 mm 06/08/2020 |
CLY10 |
73Kb/7P |
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz) |
CLY15 |
59Kb/7P |
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz) |
CLY5 |
86Kb/8P |
GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz) |
3RT1036-1AM20 |
150Kb/4P |
CONTACTOR, AC-3 22 KW/400 V, AC 208 V, 50/60 HZ, 3-POLE, SIZE S2, SCREW CONNECTION |
3RT2015-2AK61 |
407Kb/8P |
Power contactor, AC-3 7 A, 3 kW / 400 V 1 NO, 110 V AC, 50 Hz 120 V, 60 Hz, 3-pole, Size S00, Spring-type terminal 7/4/2022 |
3VA5330-6EC31-0AA0 |
666Kb/6P |
CIRCUIT BREAKER 3VA5 UL Frame 400 BREAKING CAPACITY CLASS H 65kA @ 480 V 3POLE, LINE PROTECTION TM230, FTAM, In=300A WITHOUT OVERLOAD PROTECTION IR=300A FIXED SHORT CIRCUIT PROTECTION Ii=5...10 x In W/O CONNECTION 04/26/2020 |
3LD2003-1TP53 |
307Kb/6P |
SENTRON, Switch disconnector 3LD, emergency switching-off switch, 3- pole, Iu: 16 A, operating power / at AC-23 A 400 V: 7.5 kW, front-mounted, 1 NC, 1 NO, rotary operating mechanism, Red / yellow, 4-hole mounting of the handle 12/13/2022 |