제조업체 | 부품명 | 데이터시트 | 상세설명 |
Renesas Technology Corp
|
IDT5P61006 |
278Kb/11P |
1.8 VOLT DDR2/800 ZERO DELAY BUFFER REV C 082211 |
MPC96877 |
706Kb/14P |
1.8 V PLL 1:10 Differential SDRAM Clock Driver 2019 |
M62292FP |
115Kb/7P |
3.3 V, 1.8 V Fixed 2-Output Voltage DC/DC Converter |
DA9053 |
3Mb/185P |
Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager 31-Aug-2016 |
PS710A-1A |
257Kb/16P |
6-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET April 1st, 2010 |
RX130 |
2Mb/134P |
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 512-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 6 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply Aug 09, 2018 |
RX140 |
2Mb/118P |
48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional) Apr 20, 2022 |