전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

.100 데이터시트, PDF

검색 결과 : '.100' - 전체: 212 (1/11) Pages
제조업체부품명데이터시트부품 상세설명

Molex Electronics Ltd.
0876161001 6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus™ (SSI) MPS Receptacle, Through Hole, Right Angle, 0.76μm (30μ) Gold (Au) Plating
0850170220 2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M (Hybrid type), Inverse Press-Fit, 0.6μm (24μ) Gold (Au) Selective, 32 Circuits
0876313028 6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus™ PS-P Header, Through Hole, Right Angle, Long Contacts, 28 Circuits
0850010373 2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 16 Circuits
0850130476 2.54mm (.100) Pitch DIN 41612 Header, Vertical, C-Pin Press-Fit Style R Reverse, 1μm (40μ) Selective Gold (Au), 64 Circuits, Lead free
0850032799 2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.25μm (10μ) Selective Gold (Au), 96 Circuits, Fixing Clip Available, Lead free
0850480115 2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Female Style M, 64 Circuits, Lead free
0850133160 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1μm (40μ) Selective Gold (Au), 32 Circuits, Lead free
0876675010 6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus™ S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 34 Circuits
0876312001 6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus™ PS P Header, Through Hole, Right Angle, Short Contacts, 52 Circuits
0850520658 2.54mm (.100) Pitch DIN 41612 Receptacle, Style R Reverse, 32 Circuits
0876682004 6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus™ SPb Receptacle, Through Hole, Right Angle, Beveled Metal Pins
0876963012 6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus™ Pa-S Header, Through Hole, Right Angle, Screw Mount, Long Contacts, 26 Circuits
0850401079 2.54mm (.100) Pitch DIN 41612 Receptacle, Style B/2, 32 Circuits, Lead free
0877056050 1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, Black Latches, Nylon 6/6 Glass-filled, Black Housing
0876323013 6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus™ P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 42 Circuits
0850090012 2.54mm (.100) Pitch DIN 41612/EIC 603-2 Mixed Layout Connector, Male Style M, Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 32 Circuits
0850150141 2.54mm (.100) Pitch DIN 41612 Header, 4-Row C-Pin, Press-Fit Style R Reverse, Vertical, Through Hole, 0.6μm (24μ) Gold (Au), 128 Circuits, Lead free
0850032488 2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 96 Circuits, without Mounting Clips
0850039027 2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 0.80μm (32μ) Selective Gold (Au) Plating, 16 Circuits, without Mounting Clips

1 2 3 4 5 6 7 8 9 10 Next >


1 2 3 4 5 Next >