전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  


   

.100 데이터시트, PDF

검색 결과 : '.100' - 전체: 2734 (1/137) Pages
제조업체부품명데이터시트부품 상세설명

Molex Electronics Ltd.
0022027193 2.54mm (.100) Pitch KK® PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54mm (.100) Pitch KK® PC Board Connector, Top Entry, with Cat Ear Terminal,
0022012231 2.54mm (.100) Pitch KK® Crimp Terminal Housing, 23 Circuits, Use with 2759|41572|6459
0022285165 2.54mm (.100) Pitch KK® Header, Breakaway, Vertical, 16 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295), with Kinked PC Tails
0022102061 2.54mm (.100) Pitch KK® Wire-to-Board Header, Single Row, Vertical, 6 Circuits, PA Polyamide Nylon, Gold (Au) Plating
0015911541 2.54mm (.100) Pitch C-Grid® Header, Surface Mount, Dual Row, Vertical, 54 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0022283046 2.54mm (.100) Pitch KK® Header, Breakaway, Vertical, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating, with Backwalls Removed
0015474107 2.54mm (.100) C-Grid SL™ Single Row, Female, Version G Receptacle, 10 Circuits
0022232101 2.54mm (.100) Pitch KK® Solid Header, Vertical, with Friction Lock, 10 Circuits, Tin (Sn) Plating
0022283065 2.54mm (.100) Pitch KK® Header, Breakaway, Vertical, with Polarizing Wall, 6 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, with Kinked PC Tails
0022281080 2.54mm (.100) Pitch KK® Header, Breakaway, Right Angle, with Friction Lock, 8 Circuits, Tin (Sn) Plating
0022269041 2.54mm (.100) KK® IDT Double Cantilever Contact, 4 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
0022282025 2.54mm (.100) Pitch KK® Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with Kinked PC Tails
0015477628 2.54mm (.100) Pitch C-Grid® Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 28 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating
0022124112 2.54mm (.100) Pitch KK® Wire-to-Board Header, Right Angle, with Friction Lock, 11 Circuits
0015474224 2.54mm (.100) C-Grid SL™ Single Row, Female, Version A Receptacle, 22 Circuits
0022162171 2.54mm (.100) Pitch KK® PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 17 Circuits
0022281168 2.54mm (.100) Pitch KK® Header, Breakaway, Right Angle, with Friction Lock, 16 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, with Backwalls Removed
0022102151 2.54mm (.100) Pitch KK® Wire-to-Board Header, Single Row, Vertical, 15 Circuits, PA Polyamide Nylon, Gold (Au) Plating
0022267101 2.54mm (.100) KK® IDT Double Cantilever Contact, 10 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
0022285058 2.54mm (.100) Pitch KK® Header, Breakaway, Vertical, 5 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Mating Pin Length 7.49mm (.295), with Kinked PC Tails

1 2 3 4 5 6 7 8 9 10 Next >


1 2 3 4 5 Next >