전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
  부품명    
    상세내용    

   
 

ULTRA 데이터시트

검색 결과 'ULTRA' - 전체: 151
제조업체부품명데이터시트부품 상세설명

Vishay Siliconix
V60100P Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.456 V at IF = 10 A
SI8800EDB N-Channel 20 V (D-S) MOSFET Ultra Thin 0.357 mm Height
VPR221Z Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
VSMP_10 Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
V35PWM60 High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.35 V at IF = 5 A
GI1001 Ultra Fast Sinterglass Diode
159PUL-SI_17 Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
159PUL-SI Aluminum Capacitors Power Ultra Long Life Snap-In
V20PWM60C High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
V40120C_08 Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
BYT115 Ultra Fast Recovery Silicon Power Rectifier
157PUM-SI_12 Aluminum Capacitors Power Ultra Miniature Snap-In
V40100PG_08 Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.420 V at IF = 5 A
MR100 Wirewound Resistor, Ultra Precision,Epoxy Molded, Axial Lead
E102Z Ultra High Precision Bulk Metal® Z-Foil Extended Value Range Resistor
V10150C High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.63 V at IF = 3 A
BYT85 Ultra Fast Recovery Silicon Power Rectifier
VPR221SZ Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
V20120C Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
IHLP-3232DZ-5A Ultra low buzz noise, due to composite construction

  1 2 3 4 5 6 7 8